Part Number Hot Search : 
TA8272H 71022 CS51311 12BLL 4S15W UDZ6V8B 0G107 RFL1P08
Product Description
Full Text Search
 

To Download QPD-100-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  univ er sal ac input / fu ll ra nge wide operating ambient temperature (-20c~70c) hi gh effici en cy , an d high reliab il ity output protections: olp/ovp/scp all usi ng 10 5c lo ng l ife elec trol ytic c apac itor s. 10 0% fu ll lo ad burn- in test qpd-100-5 qpd-100-12 qpd-100 -15 qpd-100-24 qpd-100-48 100watts single output qpd-100 series q ualtek electronics corporation p p c page 1 of 2 output characteristics input characteristics protection environmental characteristics general characteristics model dc output rated current current range ripple and noise voltage adj. range voltage accuracy line regulation load regulation set-up time hold-up time temperature coefficient overshoot and undershoot voltage range frequency range efficiency (typical) ac current (max) inrush current (typical) leakage current over load (olp) over voltage (ovp) short circuit (scp) operating amb. temp. & hum storage temp. & hum safety standards withstand voltage isolation resistance emi conduction & radiation harmonic current ems immunity mtbf (mil-hdbk-217f) dimension (lxwxh) packing cooling method features: 5v 16a 0~16a <80mv <100mv 4.7v-5.6v 2.0% 0.5% 1.0% <2.0s (115vac input, full load); <1.0s (230vac input, full load) >10ms (115vac input, full load); >20ms (230vac input, full load) 0.03%/c <5.0% 12v 8.5a 0~8.5a <100mv <120mv 11.0v-13.0v 1.0% 0.5% 1.0% 15v 7a 0~7a <100mv <120mv 13.7v-16.3v 1.0% 0.5% 1.0% 24v 4.5a 0~4.5a <120mv <120mv 22.4v-27.3v 1.0% 0.5% 1.0% 48v 2.3a 0~2.3a <200mv <200mv 44.4v-52.2v 1.0% 0.5% 1.0% 90vac~264vac, 127vdc~370vdc 47hz-63hz 80% 80% <2.5a 20a@115vac cold start 40a@230vac cold start <0.4ma@115vac <0.75ma@230vac 80% 81% 83% 84% 85% 85% 83% 84% 105%~150% of rated output current, hiccup mode, auto recovery 110%~150% of rated output voltage, shut down, re-power on to recover long-term mode, auto recovery -20c~70c; 20%~90% rh non-condensing -40c~85c: 10%-95% rh non-condensing ul60950-1; en60950-1: 2006 primary-secondary: 3.0kvac;10ma. primary-pg: 1.5kvac;10ma. secondary-pg: 0.5kvdc;10ma 100m ohms compliance to en55022(cispr22) class b compliance to en61000-3-2, 3 compliance to en61000-4-2, 3, 4, 5, 6, 8, 11; env50204, light industry level, criteria a more than 200,000hrs (25c, full load) 160x98x38mm 20pcs/ctn. g.w: 13.6kgs cooling by free air convection 0~70c -20~0c 115vac input 230vac input rev.b
100watts single output qpd-100 series q ualtek electronics corporation p p c iso-9001 co mpany www. qualteku sa.com page 2 of 2 mechanical specifications unit: mm pin no. assignment 1 ac - l 2 ac - n 3 f.g 4.5 dc output - v 6.7 dc output +v derating curve


▲Up To Search▲   

 
Price & Availability of QPD-100-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X